Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530 Fiches technique(PDF) 26 Page - ams AG

No de pièce AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Fiches technique(HTML) 26 Page - ams AG

Back Button AS8530_07 Datasheet HTML 22Page - ams AG AS8530_07 Datasheet HTML 23Page - ams AG AS8530_07 Datasheet HTML 24Page - ams AG AS8530_07 Datasheet HTML 25Page - ams AG AS8530_07 Datasheet HTML 26Page - ams AG AS8530_07 Datasheet HTML 27Page - ams AG AS8530_07 Datasheet HTML 28Page - ams AG AS8530_07 Datasheet HTML 29Page - ams AG AS8530_07 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
25 - 32
AS8530
Datasheet - Application In form atio n
Figure 17. Protocol for Serial Data Read with Length = 4
Timing. The following figures illustrate timing waveforms and parameters.
Figure 18. Timing for Writing
Figure 19. Timing for Reading
EN
TX
1
LEN1 LEN0
A
4
A
0
A
1
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
7
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
0
Data D7-D0 at
Address A4-A0
is read here
Data D7-D0 at
Address A4-A0 +1
is read here
Data D7-D0 at
Address A4-A0 +2
is read here
Data D7-D0 at
Address A4-A0 +3
is read here
Data D7-D0 at
Address A4-A0 +4
is read here
10
Command & Address
Phase
Data1 Phase
Data2 Phase
Data3 Phase
Data4 Phase
LEN1 = 1 LEN0 = 0
Length = 4
TX
EN
TENSCLK_L
TENSCLK_H
TDI_HD
TDI_SU
DATAI
DATAI
TX
EN
TENSCLK_L
TENSCLK_H
TDI_HD
TDI_SU
DATAI
DATAO
DATAO
TD0_D
TDI_HZ
TD0_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33