Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8222 Fiches technique(PDF) 39 Page - ams AG

No de pièce AS8222
Description  Enhanced FlexRay Standard Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8222 Fiches technique(HTML) 39 Page - ams AG

Back Button AS8222 Datasheet HTML 35Page - ams AG AS8222 Datasheet HTML 36Page - ams AG AS8222 Datasheet HTML 37Page - ams AG AS8222 Datasheet HTML 38Page - ams AG AS8222 Datasheet HTML 39Page - ams AG AS8222 Datasheet HTML 40Page - ams AG AS8222 Datasheet HTML 41Page - ams AG AS8222 Datasheet HTML 42Page - ams AG AS8222 Datasheet HTML 43Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AS8222
Datasheet - Appendi x
www.ams.com/eng/FlexRay/AS8222
Revision 1.0
38 - 42
10 Appendix
10.1 FlexRay Functional Classes
The AS8222 FlexRay Enhances Standard Transceiver has the following Bus Driver function classes according the FlexRay Electrical Physical
Layer Specification V2.1 Rev B implemented:

Functional Class: Chapter 8.13.1 “Bus Driver voltage regulator control”

Functional Class: Chapter 8.13.2 “Bus Driver - Bus Guardian interface”

Functional Class: Chapter 8.13.4 “Bus Driver logic level adaptation”
10.2 FlexRay Parameter Comparison
FlexRay Electrical Physical Layer Specification V2.1 Rev. B parameters are shown in color blue in tables (2 to 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43