| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8222 Fiches technique(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8222 Fiches technique(HTML) 23 Page - ams AG |
|
23 / 43 page ![]() AS8222 Datasheet - Detailed Descr i p ti on www.ams.com/eng/FlexRay/AS8222 Revision 1.0 22 - 42 7.7.3 Local Wake-Up Event In all low-power modes, if the voltage on the WAKE pin falls below VLWUTH for longer than tLWUFilter, a local wake-up event is detected. At the same time the biasing of the pin is switched to pull-down. As well a local wake up event is detected if the voltage on the WAKE pin rises above VLWUTH for longer than tLWUFilter, then biasing of the pin is switched to pull-up. The pull-up and -down mechanism is activated in low- and non- low-power modes. 7.8 Over-temperature Events In NORMAL mode if the temperature exceeds OTTH, the transmitter is deactivated. During this condition the device will remain in NORMAL mode. The transmitter is activated again, if the temperature falls below OTTL. Figure 4. Wake Input Pin Behaviour WAKE RxD / RxEN INH tLWFilter tLWFilter Pull-up Pull-up Pull-down VBAT VBAT VIO |