Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5263 Fiches technique(PDF) 36 Page - ams AG

No de pièce AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Fiches technique(HTML) 36 Page - ams AG

Back Button AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG AS5263 Datasheet HTML 32Page - ams AG AS5263 Datasheet HTML 33Page - ams AG AS5263 Datasheet HTML 34Page - ams AG AS5263 Datasheet HTML 35Page - ams AG AS5263 Datasheet HTML 36Page - ams AG AS5263 Datasheet HTML 37Page - ams AG AS5263 Datasheet HTML 38Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
35 - 37
AS5263
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.0
May 31, 2010
apg/rfu
Initial version
1.1
Oct 14, 2010
rfu
Updated Absolute Maximum Ratings, Operating Conditions, Magnetic Input
Specification, Electrical System Specifications, Figure 3, Table 5, Table 6,
Table 9, Table 10, Table 14, Table 15, page 31, Programming Procedure,
Figure 26, Figure 27, Package Drawings and Markings.
Deleted chapter on “Choosing the Proper Magnet”.
1.2
Dec 14, 2010
mub
Updated Absolute Maximum Ratings, Package Drawings and Markings.
Jan 12, 2011
Updated Figure 26 and Figure 28. Removed “AS5263 Stacked Die
Technology” diagram.
1.3
Apr 08, 2011
Updated Electrical System Specifications, Application Specific Angular Range
Programming.
1.4
May 11, 2011
Updated Programming Procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38