Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5263 Fiches technique(PDF) 27 Page - ams AG

No de pièce AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Fiches technique(HTML) 27 Page - ams AG

Back Button AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG AS5263 Datasheet HTML 26Page - ams AG AS5263 Datasheet HTML 27Page - ams AG AS5263 Datasheet HTML 28Page - ams AG AS5263 Datasheet HTML 29Page - ams AG AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
26 - 37
AS5263
Datasheet - Application In form atio n
8.1.11 WRITE
Figure 25 shows the format of the frame.
Figure 25. Frame Organization of the WRITE Command
The command consists of one frame received by the AS5263 (slave communication mode). The data byte will be written to the address. The
access is performed with CMD field set to 0xC.
Table 17 shows the possible write data information for the AS5263 device.
Note:
It is not recommended to access OTP memory addresses using this command.
DATA
ADDR
CMD
LSB
MSBLSB
MSBLSB
MSB
01
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38