Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5162 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Fiches technique(HTML) 3 Page - ams AG

  AS5162 Datasheet HTML 1Page - ams AG AS5162 Datasheet HTML 2Page - ams AG AS5162 Datasheet HTML 3Page - ams AG AS5162 Datasheet HTML 4Page - ams AG AS5162 Datasheet HTML 5Page - ams AG AS5162 Datasheet HTML 6Page - ams AG AS5162 Datasheet HTML 7Page - ams AG AS5162 Datasheet HTML 8Page - ams AG AS5162 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AS5162
Datasheet - Applications
www.ams.com
Revision 1.3
2 - 36
Figure 2. AS5162 Block Diagram
OUT
12
VDD
VDD3V3
12-bit
DAC
AS5162
OTP Register
(Programming
Parameters)
Sin
Cos
Hall Array
Frontend
Amplifier
ADC
Controller
GND
High Voltage/
Reverse Polarity
Protection
Single Pin
Interface
(UART)
OUT
Driver
DSP
CORDIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37