Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5162 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS5162
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5162 Fiches technique(HTML) 28 Page - ams AG

Back Button AS5162 Datasheet HTML 24Page - ams AG AS5162 Datasheet HTML 25Page - ams AG AS5162 Datasheet HTML 26Page - ams AG AS5162 Datasheet HTML 27Page - ams AG AS5162 Datasheet HTML 28Page - ams AG AS5162 Datasheet HTML 29Page - ams AG AS5162 Datasheet HTML 30Page - ams AG AS5162 Datasheet HTML 31Page - ams AG AS5162 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AS5162
Datasheet - Application In form atio n
www.ams.com
Revision 1.3
27 - 36
9.4 READ / WRITE Register Map
Table 15. Read / Write Registers
Data Byte
Bit Number
Symbol
Default
Description
DATA0 (0x20)
0
BAUDREG<0>
0
UART Baud Rate Register
1
BAUDREG<1>
0
2
BAUDREG<2>
0
3
BAUDREG<3>
0
4
BAUDREG<4>
0
5
BAUDREG<5>
0
6
BAUDREG<6>
0
7
BAUDREG<7>
0
DATA1 (0x21)
0
BAUDREG<8>
0
1
Not used
0
A read command returns all data bits
at 0
2
Not used
0
3
Not used
0
4
Not used
0
5
Not used
0
6
Not used
0
7
Not used
0
DATA2 (0x22)
0
DAC12IN<8>
0
DAC12 buffer value
1
DAC12IN<9>
0
2
DAC12IN<10>
0
3
DAC12IN<11>
0
4
DAC12INSEL
0
DAC12 buffer selection
5
R1K10K<0>
0
Selection of the reference resistance
used for OTP download
6
R1K10K<1>
0
7
DSPRN
0
Resetn of the Digital Signal Processing
circuit
DATA3 (0x23)
0
DAC12IN<0>
0
DAC12 buffer value
1
DAC12IN<1>
0
2
DAC12IN<2>
0
3
DAC12IN<3>
0
4
DAC12IN<4>
0
5
DAC12IN<5>
0
6
DAC12IN<6>
0
7
DAC12IN<7>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37