Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5134 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Fiches technique(HTML) 29 Page - ams AG

Back Button AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG AS5134 Datasheet HTML 28Page - ams AG AS5134 Datasheet HTML 29Page - ams AG AS5134 Datasheet HTML 30Page - ams AG AS5134 Datasheet HTML 31Page - ams AG AS5134 Datasheet HTML 32Page - ams AG AS5134 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
28 - 32
AS5134
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 22. Vertical Cross Section of SSOP-20
Notes:
1. All dimensions in mm.
2. Die is slightly off centered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33