| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5134 Fiches technique(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5134 Fiches technique(HTML) 21 Page - ams AG |
|
21 / 33 page ![]() 7.12 Redundancy For a better programming reliability, a redundancy is implemented. This function can be used in case if the programming of one bit fails. With an address RA(4:0) one bit can be selected and programmed. Table 11. Redundancy Addressing 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R_add R_add R_add R_add R_bit Sensitivity Sensitivity ABI ABI U V W ZA ZA ZA ZA ZA ZA ZA ZA ZA 00001 / / / / / / / / / / / / / / / 1 00011 / / / / / / / / / / / / / / 1 / 00101 / / / / / / / / / / / / / 1 // 00111 / / / / / / / / / / / / 1 // / 01001 / / / / / / / / / / / 1 /// / 01011 / / / / / / / / / / 1 / /// / 01101 / / / / / / / / / 1 // /// / 01111 / / / / / / / / 1 // // / // 10001 / / / / / / / 1 // // /// / 10011 / / / / / / 1 /// // /// / 10101 / / / / / 1 / /// // /// / 10111 / / / / 1 // /// // /// / 11001 / / / 1 / // /// // /// / 11011 / / 1 // // /// // /// / 11101 / 1 /// // /// // /// / 11111 1 / /// // /// // /// / |