Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5055 Fiches technique(PDF) 23 Page - ams AG

No de pièce AS5055
Description  Low Power 12-Bit Magnetic Rotary Encoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5055 Fiches technique(HTML) 23 Page - ams AG

Back Button AS5055 Datasheet HTML 18Page - ams AG AS5055 Datasheet HTML 19Page - ams AG AS5055 Datasheet HTML 20Page - ams AG AS5055 Datasheet HTML 21Page - ams AG AS5055 Datasheet HTML 22Page - ams AG AS5055 Datasheet HTML 23Page - ams AG AS5055 Datasheet HTML 24Page - ams AG AS5055 Datasheet HTML 25Page - ams AG AS5055 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
www.ams.com/AS5055
Revision 1.16
23 - 26
AS5055
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 19. Vertical Cross Section of 16-pin QFN (4x4x0.85 mm)
Notes:
1. All dimensions in mm.
2. Die thickness 0.254 ± 0.013
3. Adhesive thickness 0.010 ± 10, +0.01, -0.0025
4. Lead frame thickness 0.203 typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26