Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5055 Fiches technique(PDF) 16 Page - ams AG

No de pièce AS5055
Description  Low Power 12-Bit Magnetic Rotary Encoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5055 Fiches technique(HTML) 16 Page - ams AG

Back Button AS5055 Datasheet HTML 12Page - ams AG AS5055 Datasheet HTML 13Page - ams AG AS5055 Datasheet HTML 14Page - ams AG AS5055 Datasheet HTML 15Page - ams AG AS5055 Datasheet HTML 16Page - ams AG AS5055 Datasheet HTML 17Page - ams AG AS5055 Datasheet HTML 18Page - ams AG AS5055 Datasheet HTML 19Page - ams AG AS5055 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ams.com/AS5055
Revision 1.16
16 - 26
AS5055
Datasheet - Application In form atio n
8 Application Information
The benefits of the AS5055 device are as follows:

Complete system-on-chip

Low power consumption

Low operating voltage

Easy to use SPI interface
8.1 SPI Interface
The 16-bit SPI Interface enables read / write access to the register blocks and is compatible to a standard micro controller interface. The SPI
module is active as soon as /SS pin is pulled low. The AS5055 then reads the digital value on the MOSI (master out slave in) input with every
falling edge of SCK and writes on its MISO (master in slave out) output with the rising edge. After 16 clock cycles /SS has to be set back to a high
status in order to reset some parts of the interface core. The SPI Interface can be set in two different modes: 3-wire mode or 4-wire mode.
Notes:
1. The wire mode selection is read during the POWER-UP state and can be changed with a power on reset or a software reset command.
2. For more stability on the SPI Interface, it is very important to place filters. The filter must be placed close to the driving outputs. For
further information, please refer to the application note AN5000_SPI_Interface.
8.1.1 SPI Interface Signals (4-Wire Mode, Wire_mode = 1)
The AS5055 only supports slave operation mode. Therefore SCK for the communication as well as the /SS signal has to be provided by the test
equipment. The following picture shows a basic interconnection diagram with one master and an AS5055 device and a principle schematic of the
interface core.
Figure 10. SPI Interface Connection
Because the interface has to decode the sent command before it can react and provide data the response of the chip to a specific command
applied at a time T can be accessed in the next transmission cycle ending at T + TCOM.
Table 15. Wire Mode Selection
Wire Mode Selection (pad 14)
wire_mode = LO
3-wire mode
wire_mode = HI
4-wire mode
SPI_CLK
SPI_SSN
MOSI
MISO
SCK
SS/
RXSR
Interface Core
MISO
MOSI
Master Device
(Tester)
AS5055
TXSR
RXSPI
TXSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26