Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3953 Fiches technique(PDF) 39 Page - ams AG

No de pièce AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Fiches technique(HTML) 39 Page - ams AG

Back Button AS3953_07 Datasheet HTML 34Page - ams AG AS3953_07 Datasheet HTML 35Page - ams AG AS3953_07 Datasheet HTML 36Page - ams AG AS3953_07 Datasheet HTML 37Page - ams AG AS3953_07 Datasheet HTML 38Page - ams AG AS3953_07 Datasheet HTML 39Page - ams AG AS3953_07 Datasheet HTML 40Page - ams AG AS3953_07 Datasheet HTML 41Page - ams AG AS3953_07 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ams.com
Revision 1.0
39 - 42
AS3953
Datasheet - P ac k a ge D ra w i n gs a nd M a r ki n gs
Figure 17. Gold Bumped Dies 11-pins
Table 12. Specification for Gold Bumps
Item
Min
Max
Unit
Backgrinded Wafer Height (excl bimp height)
100
µm
Bump Height
13
17
µm
Height Coplanarity for within Wafer
<
4
µm
Height Coplanarity for within Die
<
2
µm
Surface roughness
<=
3
µm
Hardness
35
65
Hv
Shear Force
8
>=
mg/µm
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42