| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3911 Fiches technique(PDF) 41 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3911 Fiches technique(HTML) 41 Page - ams AG |
|
41 / 149 page ![]() ams Datasheet, Confidential: 2013-Oct [2-03] AS3911 – 41 Appl icatio n I n f o rm a t i o n Figure 25: SPI Communication: Reading of Single Byte Loading Transmitting Data into FIFO Loading the transmitting data into the FIFO is similar to writing data into an addressable registers. Difference is that in case of loading more bytes all bytes go to the FIFO. SPI operation mode bits 10 indicate FIFO operations. In case of loading transmitting data into FIFO all bits <C5 – C0> are set to 0. Then a bit-stream, the data to be sent (1 to 96 bytes), can be transferred. In case the command is terminated by putting /SS high before a packet of 8 bits composing one byte is sent, writing of that particular byte in FIFO is not performed. Figure 26 shows how to load the Transmitting Data into the FIFO. Figure 26: SPI Communication: Loading of FIFO 01 A 5 A 4 A 3 A 2 A 1 A 0 X X SC LK risin g ed ge D a ta is mo ved from A ddress <A 5 -A 0 > /S S risin g e dg e signals end of R E A D Mod e T w o lea din g bits ind ica te Mo de D 4 D 3 D 2 D 1 D 0 D 7 D 6 trista te trista te SC L K rising edge D ata is tran sfered from µ C S C L K fa lling edge D ata is sa m ple d S C LK fallin g ed ge D ata is tran sfe re d to µ C D 5 /S S SC L K MO S I MIS O 10 00 0 0 0 0 1 to 32 bytes X SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled 10 pattern indicates FIFO mode X Start of payload Data /SS SCLK MOSI |