Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3911 Fiches technique(PDF) 38 Page - ams AG

No de pièce AS3911
Description  NFC Initiator / HF Reader IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Fiches technique(HTML) 38 Page - ams AG

Back Button AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 149 page
background image
AS3911 – 38
ams Datasheet, Confidential: 2013-Oct [2-03]
A p pl i c at io n I n f o r m at i o n
During the time the MISO output is in tristate, it is possible to
switch on a 10k
Ω pull down by activating option bits miso_pd1
and miso_pd2 in the IO Configuration Register 2.
Figure 20:
Serial Data Interface (4-wire interface) Signal Lines
Figure 21:
Signal to Microcontroller
Name
Signal
Signal Level
Description
/SS
Digital input with pull-up
CMOS
SPI Enable (active low)
MOSI
Digital input
CMOS
Serial data input
MISO
Digital output with
tristate
CMOS
Serial data output
SCLK
Digital input
CMOS
Clock for serial
communication
MOSI
MISO
MISO
MOSI
AS3911
MOSI
MISO
I/O
AS3911
Separate SPI Input and Output Signals to Microcontroller
Bidirectional Data IO Signal to Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More