Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3676 Fiches technique(PDF) 33 Page - ams AG

No de pièce AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Fiches technique(HTML) 33 Page - ams AG

Back Button AS3676 Datasheet HTML 29Page - ams AG AS3676 Datasheet HTML 30Page - ams AG AS3676 Datasheet HTML 31Page - ams AG AS3676 Datasheet HTML 32Page - ams AG AS3676 Datasheet HTML 33Page - ams AG AS3676 Datasheet HTML 34Page - ams AG AS3676 Datasheet HTML 35Page - ams AG AS3676 Datasheet HTML 36Page - ams AG AS3676 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
32 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 39. Pattern control
Register
Addr: 18h
Pattern control
This register controls the LED pattern
Bit
Bit Name
Default Access
Description
4
curr30_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b
CURR30 controlled according curr30_mode
register
1b
CURR30 controlled by LED pattern generator
5
curr31_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b
CURR31 controlled according curr31_mode
register
1b
CURR31 controlled by LED pattern generator
6
curr32_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b
CURR32 controlled according curr33_mode
register
1b
CURR32 controlled by LED pattern generator
7
curr33_pattern
0b
R/W
Additional CURR33 LED pattern control bit
0b
CURR33 controlled according curr33_pattern
register
1b
CURR33 controlled by LED pattern generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92