Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3676 Fiches technique(PDF) 24 Page - ams AG

No de pièce AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Fiches technique(HTML) 24 Page - ams AG

Back Button AS3676 Datasheet HTML 20Page - ams AG AS3676 Datasheet HTML 21Page - ams AG AS3676 Datasheet HTML 22Page - ams AG AS3676 Datasheet HTML 23Page - ams AG AS3676 Datasheet HTML 24Page - ams AG AS3676 Datasheet HTML 25Page - ams AG AS3676 Datasheet HTML 26Page - ams AG AS3676 Datasheet HTML 27Page - ams AG AS3676 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
23 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
1
curr2_low_v
NA
R
0
voltage of current Sink CURR2 >currhv_switch
1
voltage of current Sink CURR2 <currhv_switch
2
curr41_low_v
NA
R
0
voltage of current Sink CURR41 >currlv_switch
1
voltage of current Sink CURR41 <currlv_switch
3
curr42_low_v
NA
R
0
voltage of current Sink CURR42 >currlv_switch
1
voltage of current Sink CURR42 <currlv_switch
4
curr43_low_v
NA
R
0
voltage of current Sink CURR43 >currlv_switch
1
voltage of current Sink CURR43 <currlv_switch
Table 20. Curr low voltage status2
Register (Continued)
Addr: 2Bh
Curr low voltage status2
Indicates the low voltage status of the current sinks. If the currX_low_v bit is
set, the voltage on the current sink is too low, to drive the selected output
current
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92