Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1364 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1364
Description  1A Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1364 Datasheet HTML 9Page - ams AG AS1364 Datasheet HTML 10Page - ams AG AS1364 Datasheet HTML 11Page - ams AG AS1364 Datasheet HTML 12Page - ams AG AS1364 Datasheet HTML 13Page - ams AG AS1364 Datasheet HTML 14Page - ams AG AS1364 Datasheet HTML 15Page - ams AG AS1364 Datasheet HTML 16Page - ams AG AS1364 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AS1364
Datasheet - Application In form atio n
www.austriamicrosystems.com
Revision 1.8
12 - 19
9.3 Power Dissipation
Maximum power dissipation (PD) of the LDO is the sum of the power dissipated by the internal series MOSFET and the quiescent current
required to bias the internal voltage reference and the internal error amplifier, and is calculated as:
Watts
(EQ 5)
Internal power dissipation as a result of the bias current for the internal voltage reference and the error amplifier is calculated as:
Watts
(EQ 6)
Total LDO power dissipation is calculated as:
Watts
(EQ 7)
9.4 Junction Temperature
Under all operating conditions, the maximum junction temperature should not be allowed to exceed 125ºC (unless the data sheet specifically
allows). Limiting the maximum junction temperature requires knowledge of the heat path from junction to case (
JCºC/W fixed by the IC
manufacturer), and adjustment of the case to ambient heat path (
CAºC/W) by manipulation of the PCB copper area adjacent to the IC position.
Figure 19. Package Physical Arrangements
Figure 20. Steady State Heat Flow Equivalent Circuit
PD MAX
 Seriespass

ILOAD MAX

=
VIN MAX

VOUT MIN


PD MAX
 Bias

VIN MAX
IQ
=
PD MAX
 Total

PD MAX
 Seriespass
 PD
MAX

+
Bias

=
Package
Lead Frame
PCB
Exposed Pad
Chip
TDFN Package
Bond Wire
Junction
TJ°C
Package
TC°C
PCB/Heatsink
TS°C
Ambient
TA°C
Chip
Power
R
JC
R
CS
R
SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20