Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1121 Fiches technique(PDF) 21 Page - ams AG

No de pièce AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Fiches technique(HTML) 21 Page - ams AG

Back Button AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG AS1121 Datasheet HTML 18Page - ams AG AS1121 Datasheet HTML 19Page - ams AG AS1121 Datasheet HTML 20Page - ams AG AS1121 Datasheet HTML 21Page - ams AG AS1121 Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
20 - 21
AS1121
Datasheet - Orderin g Info r m ation
10 Ordering Information
The device is available as the standard products shown in Table 9.
*) on request
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 9. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1121-BQFT
AS1121
16-Channel LED Driver with Dot Correction and
Greyscale PWM
Tape and Reel
32-pin TQFN 5x5 mm
AS1121B-BQFT*
AS1121B
16-Channel LED Driver with Dot Correction and
Greyscale PWM without Output Delay
Tape and Reel
32-pin TQFN 5x5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22