Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1119 Fiches technique(PDF) 30 Page - ams AG

No de pièce AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Fiches technique(HTML) 30 Page - ams AG

Back Button AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG AS1119 Datasheet HTML 30Page - ams AG AS1119 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
29 - 30
AS1119
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 29.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 29. Ordering Information
Ordering Code
Marking
Desciption
Delivery Form
Package
AS1119-BWLT
AS1119
144-LED Cross-Plexing Driver with
320mA Charge-Pump
Tape and Reel
36-pin WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31