Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1119 Fiches technique(PDF) 29 Page - ams AG

No de pièce AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Fiches technique(HTML) 29 Page - ams AG

Back Button AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG AS1119 Datasheet HTML 30Page - ams AG AS1119 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
28 - 30
AS1119
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
Figure 23. 36-pin WL-CSP Marking
Table 28. Packaging Code YYWWIZZ
Figure 24. 36-pin WL-CSP
YY
WW
I
ZZ
last two digits of the current year
manufacturing week
plant identifier
free choice / traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31