Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV358LIDT Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LMV358LIDT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV358LIDT Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LMV358LIDT Datasheet HTML 12Page - STMicroelectronics LMV358LIDT Datasheet HTML 13Page - STMicroelectronics LMV358LIDT Datasheet HTML 14Page - STMicroelectronics LMV358LIDT Datasheet HTML 15Page - STMicroelectronics LMV358LIDT Datasheet HTML 16Page - STMicroelectronics LMV358LIDT Datasheet HTML 17Page - STMicroelectronics LMV358LIDT Datasheet HTML 18Page - STMicroelectronics LMV358LIDT Datasheet HTML 19Page - STMicroelectronics LMV358LIDT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package information
LMV321L, LMV358L, LMV324L
16/20
DocID023066 Rev 2
5.4
SO8 package information
Figure 21. SO8 package mechanical drawing
Table 8. SO8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.040
k
0 °
8 °
1 °
8 °
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20