Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AV4232 Fiches technique(PDF) 12 Page - Aplus Intergrated Circuits

No de pièce AV4232
Description  single-chip synthesizing CMOS VLSI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APLUS [Aplus Intergrated Circuits]
Site Internet  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV4232 Fiches technique(HTML) 12 Page - Aplus Intergrated Circuits

Back Button AV4232 Datasheet HTML 5Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 6Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 7Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 8Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 9Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 10Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 11Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 12Page - Aplus Intergrated Circuits AV4232 Datasheet HTML 13Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
APLUS 巨華積体電路股份有限公司 AVxxx-TGx8 Series
www.aplusinc.com.tw
Page
/ 13
2002 Ver.2
12
AV0332C
AV0632E
AV0932B
AV0932C
PIN NO.
NAME
X
Y
X
Y
X
Y
1
VDD1
190.71
688.87
190.71
766.7
190.71
865.8
2
OSC
50.38
688.87
50.38
766.7
50.38
865.8
3
COL4
-135.14
688.87
-135.14
766.7
-135.14
865.8
4
COL3
-265.79
688.87
-265.79
766.7
-265.79
865.8
5
COL2
-396.44
688.87
-396.44
766.7
-396.44
865.8
6
COL1
-527.09
688.87
-527.09
766.7
-527.09
865.8
7
ROW4
-498.81
-350.81
-498.81
-428.7
-498.81
-527.7
8
ROW3
-498.81
-471.71
-498.81
-549.6
-498.81
-648.6
9
ROW2
-498.81
-688.87
-498.81
-766.7
-498.81
-865.8
10
ROW1
-368.16
-688.87
-368.16
-766.6
-368.16
-865.8
11
OUT1
-237.51
-688.87
-237.51
-766.6
-237.51
-865.8
12
VDD
-69.19
-688.87
-69.19
-766.6
-69.19
-865.8
13
OUT2
107.45
-619.97
107.45
-697.8
107.45
-796.9
14
GND
261.11
-619.97
261.11
-697.8
261.11
-796.9
15
GND1
341.71
-619.97
341.71
-697.8
341.71
-796.9
16
OUT3
495.37
-619.97
495.37
-697.8
495.37
-796.9
17
TEST
524.1
688.87
524.1
766.6
524.1
865.8
18
MODE/STS4
393.45
688.87
393.45
766.6
393.45
865.8
AV1232D
AV1832C`
AV2432B
PIN NO.
NAME
X
Y
X
Y
X
Y
1
VDD1
190.71
943.6
190.71
1130.0
190.71
1306.9
2
OSC
50.38
943.6
50.38
1130.0
50.38
1306.9
3
COL4
-135.14
943.6
-135.14
1130.0
-135.14
1306.9
4
COL3
-265.79
943.6
-265.79
1130.0
-265.79
1306.9
5
COL2
-396.44
943.6
-396.44
1130.0
-396.44
1306.9
6
COL1
-527.09
943.6
-527.09
1130.0
-527.09
1306.9
7
ROW4
-498.81
-605.5
-498.81
-791.9
-498.81
-968.8
8
ROW3
-498.81
-726.4
-498.81
-912.8
-498.81
-1089.7
9
ROW2
-498.81
-943.6
-498.81
-1130.0
-498.81
-1306.9
10
ROW1
-368.16
-943.6
-368.16
-1130.0
-368.16
-1306.9
11
OUT1
-237.51
-943.6
-237.51
-1130.0
-237.51
-1306.9
12
VDD
-69.19
-943.6
-69.19
-1130.0
-69.19
-1306.9
13
OUT2
107.45
-874.7
107.45
-1061.1
107.45
-1238.0
14
GND
261.11
-874.7
261.11
-1061.1
261.11
-1238.0
15
GND1
341.71
-874.7
341.71
-1061.1
341.71
-1238.0
16
OUT3
495.37
-874.7
495.37
-1061.1
495.37
-1238.0
17
TEST
524.1
943.6
524.1
1130.0
524.1
1306.9
18
MODE/STS4
393.45
943.6
393.45
1130.0
393.45
1306.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13