| Moteur de recherche de fiches techniques de composants électroniques |
|
APU428 Fiches technique(PDF) 2 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APU428 Fiches technique(HTML) 2 Page - Aplus Intergrated Circuits |
|
2 / 18 page ![]() Block Diagram LC D D river CO M 1 4 SE G 1 SEG 42 VD D 1 3 S egm entP LA 4-B itD ata B us Data R A M (Index (L)) 128 x 4 B its ALU 6-B itP reset Timer Instruction Decoder Control Circuit PR O M 2048 x 16-B it 8-LevelsS tack CUP 1 CUP 2 11-B itP rogram C ounter Index Mask R O M 128x 8B its F requency G enerator Pre-D ivider W atchdog Timer Oscillator Index S R A M (H ) 128 x 4 B its S E G 33 36 D-P ort PW M D1 D 4 C-P ort AD C C1 C4 S E G 37 40 A-Port RF C A1 A4 S E G 41 42 B-P ort LightA larm B1 B4 Preliminary 2 Ver. 0.0 APU428 |