Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2671M-3.3 Fiches technique(PDF) 27 Page - Texas Instruments

No de pièce LM2671M-3.3
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-3.3 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button LM2671M-3.3 Datasheet HTML 23Page - Texas Instruments LM2671M-3.3 Datasheet HTML 24Page - Texas Instruments LM2671M-3.3 Datasheet HTML 25Page - Texas Instruments LM2671M-3.3 Datasheet HTML 26Page - Texas Instruments LM2671M-3.3 Datasheet HTML 27Page - Texas Instruments LM2671M-3.3 Datasheet HTML 28Page - Texas Instruments LM2671M-3.3 Datasheet HTML 29Page - Texas Instruments LM2671M-3.3 Datasheet HTML 30Page - Texas Instruments LM2671M-3.3 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2671LD-ADJ
WSON
NHN
16
1000
210.0
185.0
35.0
LM2671LD-ADJ/NOPB
WSON
NHN
16
1000
213.0
191.0
55.0
LM2671MX-12/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM2671MX-3.3/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM2671MX-5.0
SOIC
D
8
2500
367.0
367.0
35.0
LM2671MX-5.0/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM2671MX-ADJ/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31