Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2671M-3.3 Fiches technique(PDF) 26 Page - Texas Instruments

No de pièce LM2671M-3.3
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-3.3 Fiches technique(HTML) 26 Page - Texas Instruments

Back Button LM2671M-3.3 Datasheet HTML 22Page - Texas Instruments LM2671M-3.3 Datasheet HTML 23Page - Texas Instruments LM2671M-3.3 Datasheet HTML 24Page - Texas Instruments LM2671M-3.3 Datasheet HTML 25Page - Texas Instruments LM2671M-3.3 Datasheet HTML 26Page - Texas Instruments LM2671M-3.3 Datasheet HTML 27Page - Texas Instruments LM2671M-3.3 Datasheet HTML 28Page - Texas Instruments LM2671M-3.3 Datasheet HTML 29Page - Texas Instruments LM2671M-3.3 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2671LD-ADJ
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2671LD-ADJ/NOPB
WSON
NHN
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM2671MX-12/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2671MX-3.3/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2671MX-5.0
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2671MX-5.0/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM2671MX-ADJ/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31