Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2104FBD48/01 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce LPC2104FBD48/01
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104FBD48/01 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button LPC2104FBD48/01 Datasheet HTML 7Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 8Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 9Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 10Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 11Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 12Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 13Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 14Page - NXP Semiconductors LPC2104FBD48/01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
11 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
6.4 Memory map
The LPC2104/2105/2106 memory maps incorporate several distinct regions, as shown in
the following figures.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.18
“System control”.
(1) LPC2104/2105/2106/01 only.
Fig 4.
LPC2104/2105/2106 memory map
AHB PERIPHERALS
APB PERIPHERALS
RESERVED ADDRESS SPACE
BOOT BLOCK (RE-MAPPED FROM
ON-CHIP FLASH MEMORY)
RESERVED ADDRESS SPACE
16 kB ON-CHIP STATIC RAM (LPC2104)
32 kB ON-CHIP STATIC RAM (LPC2105)
64 kB ON-CHIP STATIC RAM (LPC2106)
RESERVED ADDRESS SPACE
FAST GPIO REGISTERS(1)
128 kB ON-CHIP FLASH MEMORY
0xFFFF FFFF
0xF000 0000
0xEFFF FFFF
0xE000 0000
0xC000 0000
0xDFFF FFFF
0x8000 0000
0x7FFF FFFF
0x7FFF E000
0x7FFF DFFF
0x4000 4000
0x4000 3FFF
0x4000 8000
0x4000 7FFF
0x4001 0000
0x4000 FFFF
0x4000 0000
0x3FFF FFFF
0x3FFF C000
0x0002 0000
0x0001 FFFF
0x0000 0000
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
0.0 GB
002aad666



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41