| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2104FBD48/01 Fiches technique(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2104FBD48/01 Fiches technique(HTML) 38 Page - NXP Semiconductors |
|
38 / 41 page ![]() LPC2104_2105_2106_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 20 June 2008 38 of 41 NXP Semiconductors LPC2104/2105/2106 Single-chip 32-bit microcontrollers 11. Abbreviations Table 12. Abbreviations Acronym Description AMBA Advanced Microcontroller Bus Architecture APB ARM Peripheral Bus CPU Central Processing Unit DCC Debug Communications Channel FIFO First In, First Out GPIO General Purpose Input/Output PLL Phase-Locked Loop PWM Pulse Width Modulator RAM Random Access Memory SPI Serial Peripheral Interface SSI Synchronous Serial Interface SSP Synchronous Serial Port SRAM Static Random Access Memory TTL Transistor-Transistor Logic UART Universal Asynchronous Receiver/Transmitter |