Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F002B-55PIB Fiches technique(PDF) 36 Page - Advanced Micro Devices

No de pièce AM29F002B-55PIB
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002B-55PIB Fiches technique(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F002B-55PIB Datasheet HTML 29Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 30Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 31Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 32Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 33Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 34Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 35Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 36Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Am29F002/Am29F002N
36
PR ELIMIN A R Y
PHYSICAL DIMENSIONS (continued)
TS 032
32-Pin Standard Thin Small Package (measured in millimeters)
Pin 1 I.D.
1
18.30
18.50
7.90
8.10
0.50 BSC
0.05
0.15
0.95
1.05
16-038-TSOP-2
TS 032
DA95
3-25-97 lv
19.80
20.20
1.20
MAX
0.50
0.70
0.10
0.21
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37