Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F002B-55PIB Fiches technique(PDF) 32 Page - Advanced Micro Devices

No de pièce AM29F002B-55PIB
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002B-55PIB Fiches technique(HTML) 32 Page - Advanced Micro Devices

Back Button AM29F002B-55PIB Datasheet HTML 28Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 29Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 30Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 31Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 32Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 33Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 34Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 35Page - Advanced Micro Devices AM29F002B-55PIB Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Am29F002/Am29F002N
32
PR ELIMIN A R Y
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
Notes:
1. PA = Program Address, PD = Program Data, DQ7# = complement of data written to device, DOUT = data written to device.
2. Figure indicates the last two bus cycles of the command sequence.
20818C-20
Figure 17.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37