| Moteur de recherche de fiches techniques de composants électroniques |
|
41802 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
41802 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 22 page ![]() 10 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Terminals (Insulated and Uninsulated) FASTON Receptacles TE offers a full line of uninsulated quick connects. We offer products for a wide variety of applications in almost every market and industry we serve. It is important to choose the cor- rect terminal for each appli- cation. The following is a list of application specific characteristics that must be considered when determin- ing the best terminal for each individual application. Mating Tab Size (312, 250, 205, 187, 110, etc.) Wire Type Magnet or stranded Wire Orientation Straight or flag Temperature/Environment Base metal plating requirements Insulator required Pre-insulated housing required Agency Approvals (UL/CSA) Application Continuous strip or loose piece Special Applications Moldable Hermetic Printed circuit board Piggyback (straight/flag) Reversible flags Center strip Positive locking Product Facts ■ Full line of premier, budget, LIF, moldable and hermetic uninsulated receptacles ■ Straight, right-angle and receptacle and tab combinations available ■ Receptacles available in .312, .250, .205, .187, .125 and .110 sizes ■ Available in 8-30 AWG wire ranges ■ Receptacles mate with .032 and .020 thick tabs ■ Available with or without secondary wire support ■ Base materials brass, phosphor bronze and steel available ■ Tin, silver and nickel plated products available ■ Products designed and manufactured to meet UL 310 specifications ■ Products designed and manufactured to meet CSA C22.2 specifications |
Numéro de pièce similaire - 41802 |
|
Description similaire - 41802 |