| Moteur de recherche de fiches techniques de composants électroniques |
|
41802 Fiches technique(PDF) 22 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
41802 Fiches technique(HTML) 22 Page - List of Unclassifed Manufacturers |
|
22 / 22 page ![]() 31 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Terminals (Insulated and Uninsulated) Miscellaneous Tab Receptacles Wire Range Type Insul. Dia. Stock Material Fits Tab Dimensions Part No. AWG mm2 Range Thk. and Finish EL W .035-.065 .010 Pre-Tin Brass .031 x .093 .190 .475 .120 61813-15 26-22 0.12-0.4 A 0.89-1.65 .025 0.79 x 2.36 4.83 12.06 3.05 A .040-.080 .010 Tin Plated Brass .031 x .062 .187 .462 .090 60900-11 24-20 0.2-0.6 1.02-2.03 0.25 0.79 x 1.57 4.75 11.73 2.29 60900-42 B— .010 Tin Plated Brass .015 x .050 .145 .310 .070 62352-1 0.25 0.38 x 1.27 3.68 7.87 1.78 22-18 0.3-0.9 A .050-.085 .010 Pre-Tin Brass .010 x .093 .190 .480 .120 63391-13,4 1.27-2.16 0.25 0.25 x 2.36 4.83 12.19 3.05 63391-24. Pre-Tin Brass .032 x .103 .200 .480 .126 60252-16 .080-.120 .010 0.81 x 2.62 5.08 12.19 3.2 20-18 0.5-0.9 A 2.03-3.05 0.25 Pre-Tin Brass .020 x .103 .200 .480 .126 60432-16 0.51 x 2.62 5.08 12.19 3.2 1 Available in loose piece form, order Part Number 61454-1. 2 Reverse reel of 60900-1. 3 Loose piece form of Part Number 63391-2. 4 Mechanically compliant base. 5 No dimple. 6 Dimple. B A Tab Receptacles Note: All part numbers are RoHS compliant. |