Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7C109KAMB35 Fiches technique(PDF) 9 Page - LOGIC Devices Incorporated

No de pièce L7C109KAMB35
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB35 Fiches technique(HTML) 9 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB35 Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 12Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
9
128K x 8 Static RAM
L7C108
L7C109
PACKAGE INFORMATION
32
17
16
1
0.132 ± 0.0203
0.750 ± 0.007
0.050 BSC
0.012 ± 0.0013
0.005 TYP
0.822 ± 0.008
0.445 MAX
0.425 ± 0.006
CHAMFER
0.020 REF
0.370 ± 0.010
0.035R TYP
0.010 REF
0.005 MIN
0.038 TYP
0.025 REF
0.075 REF
0.035 ± 0.010
0.0205 ± 0.091
0.025 ± 0.003 TYP
0.017 ± 0.002
PKG Y: 32L CERAMIC SOJ (MD-Y1)
*All measurements in inches
SMD 5962-89598 Case ‘Y’ and ‘7’ / Ordering Code ‘Y’
(Note: Case ‘Y’ ships for Case ‘7’ as compatible replacement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15