Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7C109KAMB35 Fiches technique(PDF) 8 Page - LOGIC Devices Incorporated

No de pièce L7C109KAMB35
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB35 Fiches technique(HTML) 8 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB35 Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109KAMB35 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
8
128K x 8 Static RAM
L7C108
L7C109
PACKAGE INFORMATION
detail A
0.400 ± 0.005
0.300 ± 0.005
0.550
0.450
See detail A
0.085 ± 0.008
0.050 TYP
+ 0.008
- 0.005
0.025 ± 0.003
0.050 ± 0.005
0.008R
0.020 ± 0.002
0.065 ± 0.006
+ 0.10
- 0.05
0.0821 ± 0.0073
PKG KA: 32L CERAMIC QUAD LCC (MD-KA1)
*All measurements in inches
SMD 5962-89598 Case ‘M’ / Ordering Code “KA”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15