Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS8292 Fiches technique(PDF) 13 Page - LSI Computer Systems

No de pièce LS8292
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8292 Fiches technique(HTML) 13 Page - LSI Computer Systems

Back Button LS8292 Datasheet HTML 5Page - LSI Computer Systems LS8292 Datasheet HTML 6Page - LSI Computer Systems LS8292 Datasheet HTML 7Page - LSI Computer Systems LS8292 Datasheet HTML 8Page - LSI Computer Systems LS8292 Datasheet HTML 9Page - LSI Computer Systems LS8292 Datasheet HTML 10Page - LSI Computer Systems LS8292 Datasheet HTML 11Page - LSI Computer Systems LS8292 Datasheet HTML 12Page - LSI Computer Systems LS8292 Datasheet HTML 13Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Step Number
PWM Duty Cycle (%)
Full
1/2
1/4
1/8
1/16
1/32
INH1/
INH2/
PHA
PHB
PHC
PHD
Step Angle (º )
117
97.0
24.4
1
0
1
0
329.06
59
118
95.7
29.0
1
0
1
0
331.88
119
94.2
33.7
1
0
1
0
334.69
15
30
60
120
92.4
38.3
1
0
1
0
337.50
121
90.4
42.8
0
1
0
1
340.31
61
122
88.2
47.1
0
1
0
1
343.13
123
85.8
51.4
0
1
0
1
345.95
31
62
124
83.1
55.6
0
1
0
1
348.75
125
80.3
59.6
0
1
0
1
351.56
63
126
77.3
63.4
0
1
0
1
354.38
127
74.1
67.2
0
1
0
1
357.19
0
0
0
0
0
0
70.7
70.7
0
1
0
1
HOME
NOTE:
In Table4 the PWM duty cycles are indicated for Fast Decay mode which causes INH1/ and INH2/ outputs to be chopped.
In Slow Decay mode INH1/ and INH2/ outputs remain high while PHA, PHB, PHC and PHD outputs are chopped.
8292-021811-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13