Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS8292 Fiches technique(PDF) 12 Page - LSI Computer Systems

No de pièce LS8292
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8292 Fiches technique(HTML) 12 Page - LSI Computer Systems

Back Button LS8292 Datasheet HTML 5Page - LSI Computer Systems LS8292 Datasheet HTML 6Page - LSI Computer Systems LS8292 Datasheet HTML 7Page - LSI Computer Systems LS8292 Datasheet HTML 8Page - LSI Computer Systems LS8292 Datasheet HTML 9Page - LSI Computer Systems LS8292 Datasheet HTML 10Page - LSI Computer Systems LS8292 Datasheet HTML 11Page - LSI Computer Systems LS8292 Datasheet HTML 12Page - LSI Computer Systems LS8292 Datasheet HTML 13Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Step Number
PWM Duty Cycle (%)
Full
1/2
1/4
1/8
1/16
1/32
INH1/
INH2/
PHA
PHB
PHC
PHD
Step Angle (º )
59
85.8
51.4
0
1
0
1
165.94
15
30
60
83.1
55.6
0
1
0
1
168.75
61
80.3
59.6
0
1
0
1
171.56
31
62
77.3
63.4
0
1
0
1
174.38
63
74.1
67.2
0
1
0
1
177.19
2
4
8
16
32
64
70.7
70.7
0
1
0
1
180.00
65
67.2
74.1
0
1
0
1
182.81
33
66
63.4
77.3
0
1
0
1
185.63
67
59.6
80.3
0
1
0
1
188.44
17
34
68
55.6
83.1
0
1
0
1
191.25
69
51.4
85.8
0
1
0
1
194.06
35
70
47.1
88.2
0
1
0
1
196.88
71
42.8
90.4
0
1
0
1
199.69
9
18
36
72
38.3
92.4
0
1
0
1
202.50
73
33.7
94.2
0
1
0
1
205.31
37
74
29.0
95.7
0
1
0
1
208.13
75
24.3
97.0
0
1
0
1
210.94
19
38
76
19.5
98.1
0
1
0
1
213.75
77
14.7
98.9
0
1
0
1
216.56
39
78
9.8
99.5
0
1
0
1
219.38
79
4.9
99.9
0
1
0
1
222.19
5
10
20
40
80
0.0
100
1
0
0
1
225.00
81
4.9
99.9
1
0
0
1
227.81
41
82
9.8
99.5
1
0
0
1
230.63
83
14.7
98.9
1
0
0
1
233.44
21
42
84
19.5
98.1
1
0
0
1
236.25
85
24.4
97.0
1
0
0
1
239.06
43
86
29.0
95.7
1
0
0
1
241.88
87
33.7
94.2
1
0
0
1
244.69
11
22
44
88
38.3
92.4
1
0
0
1
247.50
89
42.8
90.4
1
0
0
1
250.31
45
90
47.1
88.2
1
0
0
1
253.13
91
51.4
85.8
1
0
0
1
255.94
23
46
92
55.6
83.1
1
0
0
1
258.75
93
59.6
80.3
1
0
0
1
261.56
47
94
63.4
77.3
1
0
0
1
264.38
95
67.2
74.1
1
0
0
1
267.19
3
6
12
24
48
96
70.7
70.7
1
0
0
1
270.00
97
74.1
67.2
1
0
0
1
272.81
49
98
77.3
63.4
1
0
0
1
275.63
99
80.3
59.6
1
0
0
1
278.44
25
50
100
83.1
55.6
1
0
0
1
281.25
101
85.8
51.4
1
0
0
1
284.06
51
102
88.2
47.1
1
0
0
1
286.88
103
90.4
42.8
1
0
0
1
289.69
13
26
52
104
92.4
38.3
1
0
0
1
292.50
105
94.2
33.7
1
0
0
1
295.31
53
106
95.7
29.0
1
0
0
1
298.13
107
97.0
24.3
1
0
0
1
300.95
27
54
108
98.1
19.5
1
0
0
1
303.75
109
98.9
14.7
1
0
0
1
306.56
55
110
99.5
9.8
1
0
0
1
309.38
111
99.9
4.9
1
0
0
1
312.19
7
14
28
56
112
100
0.0
1
0
1
0
315.00
113
99.9
4.9
1
0
1
0
317.81
57
114
99.5
9.8
1
0
1
0
320.63
115
98.9
14.7
1
0
1
0
323.44
29
58
116
98.1
19.5
1
0
1
0
326.25
Continued on next page
8292-021811-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13