Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A43L8316 Fiches technique(PDF) 34 Page - AMIC Technology

No de pièce A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Fiches technique(HTML) 34 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 30Page - AMIC Technology A43L8316 Datasheet HTML 31Page - AMIC Technology A43L8316 Datasheet HTML 32Page - AMIC Technology A43L8316 Datasheet HTML 33Page - AMIC Technology A43L8316 Datasheet HTML 34Page - AMIC Technology A43L8316 Datasheet HTML 35Page - AMIC Technology A43L8316 Datasheet HTML 36Page - AMIC Technology A43L8316 Datasheet HTML 37Page - AMIC Technology A43L8316 Datasheet HTML 38Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
33
AMIC Technology, Inc.
Read Interrupted by Precharge Command & Read Burst Stop Cycle (@Burst Length = Full Page)
* Note : 1. At full page mode, burst is wrap-around at the end of burst. So auto precharge is impossible.
2. About the valid DQ’s after burst stop, it is same as the case of RAS interrupt.
Both cases are illustrated above timing diagram. See the label 1,2 on them.
But at burst write, burst stop and RAS interrupt should be compared carefully.
Refer the timing diagram of “Full page write burst stop cycle”.
3. Burst stop is valid at every burst length.
High
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Row Active
(A-Bank)
: Don't care
RAa
A8/AP
CAa
RAa
WE
QAa3
QAa2
QAa1
QAa4
QAb0
DQM
QAa4
QAa3
QAa1
QAa2
QAb0 QAb1 QAb2 QAb3
DQ
(CL=2)
QAb1 QAb2 QAb3
DQ
(CL=3)
Precharge
(A-Bank)
Read
(A-Bank)
CAb
Read
(A-Bank)
Burst Stop
* Note 1
* Note 1
1
* Note 2
QAa0
QAb4 QAb5
1
QAa0
2
QAb4 QAb5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45