Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A43L8316 Fiches technique(PDF) 31 Page - AMIC Technology

No de pièce A43L8316
Description  128K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L8316 Fiches technique(HTML) 31 Page - AMIC Technology

Back Button A43L8316 Datasheet HTML 27Page - AMIC Technology A43L8316 Datasheet HTML 28Page - AMIC Technology A43L8316 Datasheet HTML 29Page - AMIC Technology A43L8316 Datasheet HTML 30Page - AMIC Technology A43L8316 Datasheet HTML 31Page - AMIC Technology A43L8316 Datasheet HTML 32Page - AMIC Technology A43L8316 Datasheet HTML 33Page - AMIC Technology A43L8316 Datasheet HTML 34Page - AMIC Technology A43L8316 Datasheet HTML 35Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
A43L8316
Preliminary (April, 2000, Version 1.0)
30
AMIC Technology, Inc.
Read & Write Cycle with Auto Precharge I @Burst Length=4
*Note : tRCD should be controlled to meet minimum tRAS before internal precharge start.
(In the case of Burst Length=1 & 2, BRSW mode)
High
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Row Active
(A-Bank)
Row Active
(B-Bank)
: Don't care
RAa
RBb
A8/AP
CAa
Auto Precharge
Start Point
(A-Bank)
RAa
WE
QAa2
QAa1
QAa0
QAa3
DBb0
Auto Precharge
Start Point
(B-Bank)
DQM
CBb
QAa3
QAa2
QAa0
QAa1
DBb0
DBb1 DBb2 DBb3
DQ
(CL=2)
DBb1 DBb2 DBb3
DQ
(CL=3)
Write with
Auto Precharge
(B-Bank)
RBb
Read with
Auto Precharge
(A-Bank)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45