| Moteur de recherche de fiches techniques de composants électroniques |
|
7D511K Fiches technique(PDF) 16 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
7D511K Fiches technique(HTML) 16 Page - World Produts Inc. |
|
16 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 14 | Metal Oxide Varistors Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Phenolic Coating) Dimensions are in mm (inches) 5D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) B P B P 5D180K 3 .8 ( .15) 5 .0 ( .196) 1 .2 ( .05) **5D221K 4 .5 ( .177) 5 .4 ( .21) 1 .6 ( .063) 5D220K 3 .9 ( .15) 5 .1 ( .2) 1 .3 ( .05) **5D241K 4 .7 ( .185) 5 .5 ( .216) 1 .8 ( .07) 5D270K 4 .0 ( .157) 5 .2 ( .2) 1 .4 ( .055) **5D271K 4 .8 ( .19) 5 .5 ( .216) 2 .0 ( .08) 5D330K 4 .0 ( .157) 5 .2 ( .2) 1 .2 ( .05) **5D301K 4 .9 ( .19) 5 .6 ( .22) 2 .3 ( .09) 5D390K 4 .1 ( .16) 5 .3 ( .21) 1 .3 ( .05) **5D331K 5 .0 ( .196) 5 .6 ( .22) 2 .4 ( .094) 5D470K 4 .1 ( .16) 5 .3 ( .21) 1 .5 ( .06) **5D361K 5 .1 ( .2) 5 .7 ( .22) 2 .5 ( .1) 5D560K 4 .2 ( .165) 5 .4 ( .21) 1 .6 ( .063) **5D391K 5 .2 ( .2) 5 .9 ( .23) 2 .7 ( .1) 5D680K 4 .4 ( .17) 5 .8 ( .23) 1 .8 ( .07) **5D431K 5 .3 ( .21) 6 .0 ( .236) 2 .9 ( .11) **5D820K 3 .8 ( .15) 5 .2 ( .2) 1 .2 ( .05) **5D471K 6 .0 ( .236) 7 .2 ( .28) 3 .6 ( .14) **5D101K 3 .8 ( .15) 5 .2 ( .2) 1 .2 ( .05) 5D511K 6 .3 ( .25) 7 .5 ( .295) *3 .1 ( .12) **5D121K 3 .9 ( .15) 5 .3 ( .21) 1 .3 ( .05) 5D561K 5 .5 ( .216) 6 .7 ( .26) *3 .3 ( .13) **5D151K 3 .9 ( .15) 5 .3 ( .21) 1 .3 ( .05) 5D621K 5 .6 ( .22) 6 .8 ( .267) *3 .9 ( .15) **5D181K 4 .1 ( .16) 5 .5 ( .216) 1 .5 ( .06) 5D681K 5 .9 ( .23) 7 .1 ( .28) *4 .3 ( .17) **5D201K 4 .1 ( .16) 5 .5 ( .216) 1 .6 ( .063) 7D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) B P B P 7D180K 3 .9 ( .15) 5 .1 ( .2) 1 .2 ( .05) **7D221K 4 .5 ( .177) 5 .4 ( .21) 1 .6 ( .063) 7D220K 4 .0 ( .157) 5 .2 ( .2) 1 .3 ( .05) **7D241K 4 .7 ( .185) 5 .5 ( .216) 1 .8 ( .07) 7D270K 4 .1 ( .16) 5 .3 ( .21) 1 .4 ( .055) **7D271K 4 .8 ( .19) 5 .5 ( .216) 2 .0 ( .08) 7D330K 4 .1 ( .16) 5 .3 ( .21) 1 .2 ( .05) **7D301K 4 .9 ( .19) 5 .6 ( .22) 2 .3 ( .09) 7D390K 4 .2 ( .165) 5 .4 ( .21) 1 .3 ( .05) **7D331K 5 .0 ( .196) 5 .7 ( .22) 2 .4 ( .094) 7D470K 4 .2 ( .165) 5 .4 ( .21) 1 .5 ( .06) **7D361K 5 .1 ( .2) 5 .7 ( .22) 2 .5 ( .1) 7D560K 4 .4 ( .17) 5 .6 ( .22) 1 .6 ( .063) **7D391K 5 .2 ( .2) 5 .9 ( .23) 2 .7 ( .1) 7D680K 4 .6 ( .18) 6 .0 ( .236) 1 .8 ( .07) **7D431K 5 .3 ( .21) 6 .1 ( .24) 2 .9 ( .11) **7D820K 3 .8 ( .15) 5 .2 ( .2) 1 .2 ( .05) **7D471K 6 .0 ( .236) 7 .2 ( .28) 3 .6 ( .14) **7D101K 3 .8 ( .15) 5 .2 ( .2) 1 .2 ( .05) 7D511K 6 .4 ( .25) 7 .6 ( .3) *3 .1 ( .12) **7D121K 3 .9 ( .15) 5 .3 ( .21) 1 .3 ( .05) 7D561K 5 .6 ( .22) 6 .8 ( .267) *3 .3 ( .13) **7D151K 3 .9 ( .15) 5 .3 ( .21) 1 .3 ( .05) 7D621K 5 .7 ( .22) 6 .9 ( .27) *3 .9 ( .15) **7D181K 4 .1 ( .16) 5 .5 ( .216) 1 .5 ( .06) 7D681K 5 .9 ( .23) 7 .1 ( .28) *4 .3 ( .17) **7D201K 4 .1 ( .16) 5 .5 ( .216) 1 .6 ( .063) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . ** These dimensions also apply to “E” Series (High Energy) parts . For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .” E max a |