| Moteur de recherche de fiches techniques de composants électroniques |
|
7D511K Fiches technique(PDF) 15 Page - World Produts Inc. |
|
|
|||||||||||||||||||||||||||||
7D511K Fiches technique(HTML) 15 Page - World Produts Inc. |
|
15 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 Metal Oxide Varistors | 13 Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Standard Epoxy) Dimensions are in mm (inches) 14E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) **14E820K 3 .8 ( .15) 1 .4 ( .055) **14E361K 4 .9 ( .19) 2 .8 ( .11) **14E181K 4 .4 ( .17) 1 .7 ( .067) **14E391K 5 .0 ( .2) 3 .0 ( .12) **14E201K 4 .6 ( .18) 1 .9 ( .075) **14E431K 5 .2 ( .2) 3 .2 ( .126) **14E221K 4 .5 ( .18) 1 .9 ( .075) **14E471K 5 .4 ( .21) 3 .8 ( .15) **14E241K 4 .5 ( .18) 2 .1 ( .083) **14E511K 5 .5 ( .22) *3 .4 ( .13) **14E271K 4 .5 ( .18) 2 .2 ( .087) **14E561K 5 .8 ( .23) *3 .5 ( .138) **14E331K 4 .6 ( .18) 2 .6 ( .1) **14E821K 7 .1 ( .28) *5 .5 ( .22) 18E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) **18E820K 4 .1 ( .16) 1 .5 ( .06) **18E471K 5 .8 ( .23) 3 .9 ( .15) **18E181K 4 .4 ( .17) 1 .9 ( .075) **18E511K 6 .1 ( .24) *3 .4 ( .13) **18E201K 4 .7 ( .185) 1 .9 ( .075) **18E561K 6 .2 ( .24) *3 .8 ( .15) **18E221K 4 .9 ( .19) 1 .9 ( .075) **18E621K 6 .2 ( .24) *3 .2 ( .13) **18E241K 5 .0 ( .2) 2 .0 ( .08) **18E681K 6 .3 ( .25) *3 .3 ( .13) **18E271K 5 .1 ( .2) 2 .2 ( .08) **18E751K 6 .5 ( .26) *3 .5 ( .14) **18E301K 5 .2 ( .2) 2 .3 ( .09) **18E781K 6 .8 (27) *3 .7 ( .15) **18E331K 5 .2 ( .2) 2 .7 ( .11) **18E821K 7 .4 ( .29) *5 .5 ( .22) **18E361K 5 .4 ( .21) 2 .8 ( .11) **18E911K 7 .6 ( .3) *4 .1 ( .16) **18E391K 5 .5 ( .22) 3 .0 ( .12) **18E102K 7 .9 ( .31) *4 .4 ( .18) **18E431K 5 .7 ( .22) 3 .2 ( .126) **18E112K 8 .3 ( .32) *4 .8 ( .19) 20E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) **20E820K 4 .3 ( .17) 1 .5 ( .06) **20E471K 5 .8 ( .23) 4 .0 ( .157) **20E181K 4 .6 ( .18) 1 .8 ( .07) **20E511K 5 .9 ( .23) *3 .4 ( .13) **20E201K 4 .9 ( .19) 2 .0 ( .08) **20E561K 5 .9 ( .23) *3 .8 ( .15) **20E221K 5 .0 ( .2) 2 .0 ( .08) **20E621K 6 .6 ( .26) *4 .5 ( .18) **20E241K 5 .1 ( .2) 2 .2 ( .087) **20E681K 6 .9 ( .27) *4 .8 ( .19) **20E271K 5 .4 ( .21) 2 .3 ( .09) **20E751K 7 .2 ( .28) *5 .2 ( .2) **20E301K 5 .5 ( .22) 2 .6 ( .1) **20E781K 7 .4 ( .29) *5 .4 ( .2) **20E331K 5 .8 ( .23) 2 .7 ( .1) **20E821K 7 .2 ( .28) *5 .6 ( .22) **20E361K 5 .4 ( .21) 2 .9 ( .11) **20E911K 8 .0 ( .32) *6 .5 ( .255) **20E391K 5 .5 ( .22) 3 .1 ( .12) **20E102K 8 .4 ( .33) *6 .6 ( .26) **20E431K 5 .7 ( .22) 3 .3 ( .13) **20E112K 8 .4 ( .33) *7 .3 ( .287) E max a |