Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMMC008AWP Fiches technique(PDF) 25 Page - Advanced Micro Devices

No de pièce AMMC008AWP
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC008AWP Fiches technique(HTML) 25 Page - Advanced Micro Devices

Back Button AMMC008AWP Datasheet HTML 21Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 22Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 23Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 24Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 25Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 26Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 27Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 28Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AmMC0XXA
25
PREL I M I N AR Y
DC CHARACTERISTICS
Notes:
1. VCC = 5.0 volts ± 10%
2. Supply current is a max RMS value. Read frequency = 5 MHz.
CONNECTOR DC SPECIFICATIONS
Notes:
1. This current is a minimum that the connector should withstand, and a maximum that the host should provide.
2. On the host, these specifications must be met for one conducting channel on connectors.
CARD AND PAD CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
ILI
Input Leakage Current
VIN = VSS to VCC, VCC = VCC max
±5
µA
ILO
Output Leakage Current
VIN = VSS to VCC, VCC = VCC max
±5
µA
ICCS
VCC Standby Current
CEL#, CEH#, RESET# = VIH
4mA
ICC
VCC Supply Current
(Note 2)
RESET# = VIH;
CEL# and CEH# = VIL
Read
80
mA
Program
120
mA
ICC
VCC Standby Current
CE# = VCC ± 0.3 V
60
µA
VIL
Input Low Voltage
VCC = 5.0 V
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOUT = 12 mA
0.1 VCC
V
VOH
Output High Voltage
IOUT = –2.5 mA
0.9 VCC
V
VLKO
Low VCC Lock-Out Voltage
3.2
4.2
V
Parameter
Min
Max
Units
Interface Signal Resistance (Note 2)
2.0
Ω
Interface Signal Current (Notes 1, 2)
125
mA
Power/Insertion Signal Resistance
0.060
Ω
Power/Insertion Signal Current (Note 1)
500
mA
Parameter Symbol
Parameter Description
Test Conditions
Max
Unit
CCARD
Card Input Capacitance
40
pF
CHOST
System Load Capacitance
120
pF
CI/O
I/O Capacitance D0–D15
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39