Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMMC008AWP Fiches technique(PDF) 23 Page - Advanced Micro Devices

No de pièce AMMC008AWP
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC008AWP Fiches technique(HTML) 23 Page - Advanced Micro Devices

Back Button AMMC008AWP Datasheet HTML 19Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 20Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 21Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 22Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 23Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 24Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 25Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 26Page - Advanced Micro Devices AMMC008AWP Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AmMC0XXA
23
PREL I M I N AR Y
Note: D7 is rechecked even if D5 = 1 because D7 may
change simultaneously with D5.
Figure 6.
Data Polling Algorithm
WORD-WIDE PROGRAMMING AND
ERASING
Word-Wide Programming
The Word-Wide Programming sequence will be as
usual per Table 5 or 8. The Program word command is
A0A0H. Each byte is independently programmed. For
example, if the high byte of the word indicates the
successful completion of programming via one of its
write status bits such as D15, software polling should
continue to monitor the low byte for write completion
and data verification, or vice versa. During the
Embedded Programming operations the device exe-
cutes programming pulses in 8
µs increments. Status
reads provide information on the progress of the byte
programming relative to the last complete write pulse.
Status information is automatically updated upon com-
pletion of each internal write pulse. Status information
does not change within the 8
µs write pulse width.
Word-Wide Sector Erasing
The Word-Wide Sector Erasing of a memory device pair
is similar to word-wide programming. The erase word
command is a six-bus-cycle command sequence (see
Tables 5 and 8). Each byte is independently erased and
verified. Word-wide erasure reduces total erase time
when compared to byte erasure. Each Flash memory
device in the card may erase at different rates. There-
fore, each device (byte) must be verified separately.
START
DQ7 = Data?
Yes
No
No
DQ5 = 1?
No
Yes
DQ7 = Data?
Yes
FAIL
PASS
20975D-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39