| Moteur de recherche de fiches techniques de composants électroniques |
|
AMC004DFLKA Fiches technique(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMC004DFLKA Fiches technique(HTML) 20 Page - Advanced Micro Devices |
|
20 / 46 page ![]() 20 AmC0XXDFLKA Start Fail Yes D6 = Toggle? Yes Pass No No Yes D6 = Toggle? D5 = 1? No Read Byte (D0–D7) Addr = VA Read Byte (D0–D7) Addr = VA 19521D-5 Note: D6 is rechecked even if D5 = 1 because D6 may stop toggling at the same time as D5 changes to “1”. Figure 4. Toggle Bit 1 Algorithm |