Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC004DFLKA Fiches technique(PDF) 19 Page - Advanced Micro Devices

No de pièce AMC004DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004DFLKA Fiches technique(HTML) 19 Page - Advanced Micro Devices

Back Button AMC004DFLKA Datasheet HTML 15Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 16Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 19Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 22Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
AmC0XXDFLKA
19
Start
Fail
No
D7 = Data?
No
Pass
Yes
No
Yes
D7 = Data?
D5 = 1?
Yes
Read Byte
(D0–D7)
Addr = VA
Read Byte
(D0–D7)
Addr = VA
19521D-4
Note:
D7 is rechecked even if D5 = 1 because D7 may change simultaneously with D5.
Figure 3.
Data Polling Algorithm
VA = Valid Address
VA = Byte addr for Write
operation
VA = Any segment (sector)
address during segment
(sector) erase operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46