Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530H Fiches technique(PDF) 194 Page - Advanced Micro Devices

No de pièce AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Fiches technique(HTML) 194 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 186Page - Advanced Micro Devices AM8530H Datasheet HTML 187Page - Advanced Micro Devices AM8530H Datasheet HTML 188Page - Advanced Micro Devices AM8530H Datasheet HTML 189Page - Advanced Micro Devices AM8530H Datasheet HTML 190Page - Advanced Micro Devices AM8530H Datasheet HTML 191Page - Advanced Micro Devices AM8530H Datasheet HTML 192Page - Advanced Micro Devices AM8530H Datasheet HTML 193Page - Advanced Micro Devices AM8530H Datasheet HTML 194Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 194 / 194 page
background image
SCC Application Notes
AMD
7–45
for(i=0; i < num; i++)/*process the loop until all char are
received*/
{
rx = 0;
while(rx==0)
{
temp = inportb(aport);/*load RR0 to check for rec. char
available*/
rx = temp & 0x01;
}
*ptr = inportb(aportd);/*Input a char from the rec. FIFO*/
ptr++;
}
ptr = ptr – num;
/*Restore inital value of pointer*/
}
/*RECEIVE LENGTH OG FILE ASYNCHRONOUSLY AT 19.2 kBaud*/
recnum()
{
unsigned char temp, rx;
unsigned int i, count;
for(i=0; i < 0x03; i++)/*process the loop until all char are
received*/
{
rx = 0;
while(rx==0)
{
temp = inportb(aport);/*load RR0 to check for rec. char
available*/
rx = temp & 0x01;
}
*ptr = inportb(aportd);/*Input a char from the rec. FIFO*/
ptr++;
}
ptr = ptr – 0x03;
;
..................................................................
............



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More