Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530H Fiches technique(PDF) 189 Page - Advanced Micro Devices

No de pièce AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Fiches technique(HTML) 189 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 185Page - Advanced Micro Devices AM8530H Datasheet HTML 186Page - Advanced Micro Devices AM8530H Datasheet HTML 187Page - Advanced Micro Devices AM8530H Datasheet HTML 188Page - Advanced Micro Devices AM8530H Datasheet HTML 189Page - Advanced Micro Devices AM8530H Datasheet HTML 190Page - Advanced Micro Devices AM8530H Datasheet HTML 191Page - Advanced Micro Devices AM8530H Datasheet HTML 192Page - Advanced Micro Devices AM8530H Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 194 page
background image
SCC Application Notes
AMD
7–40
Software to Receive Data at 1 Mb/s using DMA
#include “stdio.h”
#define arraysize 40
/*size of array for the 8530 init*/
#define port 0x0382
/*I/O port address for the SCC channel A*/
#define aport 0x0380
/*I/O port address for 8530 channel B*/
#define aportd 0x0381
/*I/O data address for 8530 channel B*/
#define arraysiz 22
/*size of array for 8530 asynch. init.*/
char *ptr;
unsigned int segread();
struct{int scs, sss, sds, ses; } rv;
unsigned long int data_segment;
unsigned long int data_seg;
unsigned int num;
unsigned long int adrr;
/*RECEIVE ROUTINE*/
main()
{
unsigned int result, res;
char var_nam, string1[8], N, n;
do
{
/*Choose synchronous or asynchronous receiving*/
printf(“IS THIS DEVICE A PRINTER(Y/N)? “);
var_nam = scanf(“%s”, string1);
result = strcamp(string1, “N”);
res = strcmp(string1, “n’);
if(result!=0 && res!=0)
{
/*Main routine for asynchronous receive*/
num = 0x03;
opnfile();
asccinit();
/*Initialize 8530 for async rec.*/
printf(“WAITING FOR DATA\n”);
recnum();
/*Receive length of file*/
length();
/*Determine length of file*/
opnfile();
recfile();
/*Receive the entire file*/
printf(“WOW!! I RECEIVED THE DATA!\N”);
closfile();
/*Transfer received file to disk*/
}
else
{
/*Main routine for synchronous receive*/
num = 0x03;
opnfile();
sccinit();
dmainit();
printf(“WAITING FOR DATA\n”);
end();
length();
opnfile();
dminit();
end();
printf(“WOW!! I RECEIVED THE DATA\n”);
closfile();
}
/*Allows user continuous reception of files*/
printf(“Do you wish to receive another file(Y/N)? “);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More