Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM8530H Fiches technique(PDF) 188 Page - Advanced Micro Devices

No de pièce AM8530H
Description  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM8530H Fiches technique(HTML) 188 Page - Advanced Micro Devices

Back Button AM8530H Datasheet HTML 184Page - Advanced Micro Devices AM8530H Datasheet HTML 185Page - Advanced Micro Devices AM8530H Datasheet HTML 186Page - Advanced Micro Devices AM8530H Datasheet HTML 187Page - Advanced Micro Devices AM8530H Datasheet HTML 188Page - Advanced Micro Devices AM8530H Datasheet HTML 189Page - Advanced Micro Devices AM8530H Datasheet HTML 190Page - Advanced Micro Devices AM8530H Datasheet HTML 191Page - Advanced Micro Devices AM8530H Datasheet HTML 192Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 194 page
background image
SCC Application Notes
AMD
7–39
outportb(aportd, *ptr++);
/*output a character to
transmit buffer*/
}
}
/*TRANSMIT LENGTH OF FILE ASYNCHRONOUSLY AT 19.2 kBaud*/
trnum()
{
unsigned char tmp, temp, tx;
unsigned int i, count;
for (i=0; i<0x03; i++)
/*process the loop until
length of file is
transmitted*/
{
tx = 0;
while(tx==0)
{
temp = 0;
temp = inportb(aport);/*load RR0 to check Tx buffer empty bit*/
tx = temp & 0x04;
}
outportb(aport, *ptr++);/*output a character to transmit buffer*/
}
ptr = ptr – 3;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More