Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C978 Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 35Page - Advanced Micro Devices AM79C978 Datasheet HTML 36Page - Advanced Micro Devices AM79C978 Datasheet HTML 37Page - Advanced Micro Devices AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices AM79C978 Datasheet HTML 41Page - Advanced Micro Devices AM79C978 Datasheet HTML 42Page - Advanced Micro Devices AM79C978 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 261 page
background image
Am79C978
39
Figure 6.
Slave Write Using Memory Command
Expansion ROM Transfers
Since the Am79C978 device does not have expansion
ROM capabilities, PCI configuration offset must be set
to 30H = 0.
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55H (byte 0) and AAH (byte 1).
Slave Cycle Termination
There are three scenarios besides normal completion
of a transaction where the Am79C978 controller is the
target of a slave cycle and it will terminate the access.
Figure 7.
Expansion ROM Read
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
PAR
ADDR
0111
PAR
1
2345678
10
9
11
DATA
PAR
BE
22206B-9
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
PAR
ADDR
CMD
PAR
1
2345
48
49
50
51
DATA
PAR
BE
DEVSEL
is sampled
22206B-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More