Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C978 Fiches technique(PDF) 25 Page - Advanced Micro Devices

No de pièce AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Fiches technique(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 21Page - Advanced Micro Devices AM79C978 Datasheet HTML 22Page - Advanced Micro Devices AM79C978 Datasheet HTML 23Page - Advanced Micro Devices AM79C978 Datasheet HTML 24Page - Advanced Micro Devices AM79C978 Datasheet HTML 25Page - Advanced Micro Devices AM79C978 Datasheet HTML 26Page - Advanced Micro Devices AM79C978 Datasheet HTML 27Page - Advanced Micro Devices AM79C978 Datasheet HTML 28Page - Advanced Micro Devices AM79C978 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 261 page
background image
Am79C978
25
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Am79C978
TEMPERATURE RANGE
C = Commercial (0
° C to +70° C)
SPEED OPTION
PACKAGE TYPE
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local AMD
sales office to confirm availability of specific valid
combinations
and
to
check
on
newly
released
combinations.
Valid Combinations
DEVICE NUMBER/DESCRIPTION
Not applicable
K = Plastic Quad Flat Pack (PQR160)
V = Thin Quad Flat Pack (PQL144)
Am79C978
PCnet-Home
Single-Chip 1/10 Mbps PCI Home Networking Controller
Valid Combinations
Am79C978
KC\W
VC\W
ALTERNATE PACKAGING OPTION
\W = Trimmed and formed in a tray
\W
C
K\V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More