Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C975 Fiches technique(PDF) 27 Page - Advanced Micro Devices

No de pièce AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Fiches technique(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 23Page - Advanced Micro Devices AM79C975 Datasheet HTML 24Page - Advanced Micro Devices AM79C975 Datasheet HTML 25Page - Advanced Micro Devices AM79C975 Datasheet HTML 26Page - Advanced Micro Devices AM79C975 Datasheet HTML 27Page - Advanced Micro Devices AM79C975 Datasheet HTML 28Page - Advanced Micro Devices AM79C975 Datasheet HTML 29Page - Advanced Micro Devices AM79C975 Datasheet HTML 30Page - Advanced Micro Devices AM79C975 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 304 page
background image
Am79C973/Am79C975
27
P R E L I M INARY
PIN DESIGNATIONS
Listed By Driver Type
The following table describes the various types of out-
put drivers used in the Am79C973/Am79C975 control-
ler. All IOL and IOH values shown in the table apply to 3.3
V signaling.
A sustained tri-state signal is a low active signal that is
driven high for one clock period before it is left floating.
TX is a differential output driver. Its characteristics and
those of XTAL2 output are described in the DC Charac-
teristics section.
Name
Type
IOL (mA)
IOH (mA)
Load (pF)
LED
LED
12
-0.4
50
OMII1
Totem Pole
4
-4
50
OMII2
Totem Pole
4
-4
390
O6
Totem Pole
6
-0.4
50
OD6
Open Drain
6
NA
50
STS6
Sustained Tri-State
6
-2
50
TS3
Tri-State
3
-2
50
TS6
Tri-State
6
-2
50
TSMII
Tri-State
4
-4
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More