Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970AVCW Fiches technique(PDF) 196 Page - Advanced Micro Devices

No de pièce AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Fiches technique(HTML) 196 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 192Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 193Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 194Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 195Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 196Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 197Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 198Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 199Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 200Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 219 page
background image
AMD
P R E L I M I N A R Y
196
Am79C970A
PHYSICAL DIMENSIONS*
PQB132
Plastic Quad Flat Pack, Trimmed and Formed
(measured in inches)
Pin 132
Pin 99
Pin 66
Pin 1 I.D.
16-038-PQB
PQB132
DB87
7-26-94 ae
TOP VIEW
1.097
1.103
0.947
0.953
1.075
1.085
1.097
1.103
0.008
0.012
Pin 33
1.075
1.085
0.947
0.953
0.025 BASIC
0.160
0.180
0.80 REF
BOTTOM VIEW
0.130
0.150
0.020
0.040
SEATING
PLANE
*For reference only. BSC is an ANSI standard for Basic Space Centering.
Trademarks
Copyright
© 1995 Advanced Micro Devices, Inc. All rights reserved.
AMD and the AMD logo are registered trademarks of Advanced Micro Devices, Inc.
Embedded Erase and Embedded Program are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More